Part Number Hot Search : 
TDA9331H TA8136S 000MHZ X2BBD SBL870 MB91302A 0000T CZRW5229
Product Description
Full Text Search
 

To Download DC-LINKMKPC12020400VDC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  93 11.08 d metallized polypropylene (pp) capacitors in cylindrical case for dc-link applications special features electrical data wima dc-link mkp c ? very high volume/capacitance ratio ? self-healing ? cylindrical capacitor body with axial screw and thread connections size m6 or m8 ? internal series connection from 850 vdc ? very low dissipation factor ? negative capacitance change versus temperature ? very low dielectric absorption ? according to rohs 2002/95/ec typical applications as intermediate circuit capacitor e.g. in high power converter technology construction dielectric: polypropylene (pp) film capacitor electrodes: vacuum-deposited internal construction: dc-link mkp c: 400 vdc, 600 vd c dc-link mkp c: 850 vd c plastic film v acuum- deposited electrode metal contact layer (schoopage) t ermination plastic film v acuum- deposited electrode metal contact layer (schoopage) t ermination encapsulation: solvent-resistant, flame-retardant plastic case with pu seal, ul 94 v-0 terminations: axial screw connection m6 or m8. marking: colour: black. marking: gold. capacitance range: 30 m f to 250 m f rated voltages: 400 vdc, 600 vdc, 850 vdc capacitance tolerances: 20%, 10%, 5%, operating temperature range: C40 + c to +85 + c climatic test category: 40/085/56 in accordance with iec insulation resistance at +20 + c: ? 1 0 000 sec ( m ? x m f) (mean value: 50 000 sec) measuring voltage: 100 v/1 min. dissipation factors at +20 c: tan d ? 15 x 10 -4 at 1 khz test voltage: 1.2 u r , 2sec dielectric absorption: 0.05 % new voltage derating: a voltage derating factor of 1.35 % per k must be applied from +65 c for dc voltages. reliability: operational life ? 200 000 hours failure rate ? 2 fit (0.5 x u r and 40 ) c) specific dissipation: box size specific dissipation in watts per k w x l in mm above the ambient temperature 60 x 49 0.186 70 x 49 0.231 80 x 49 0.280 90 x 49 0.333 90 x 58 0.364 90 x 97 0.501 mounting recommendation excessive mechanical strain, e.g. pressure or shock onto the capacitor body, is to be avoided during mounting and usage of the capacitors. when fixing the capacitor the screw torque is to be limited to max. 5 nm. for further details and graphs please refer to technical information. packing transportation-safe packing in cardboard boxes. packing units w pcs. per packing unit 60 12 70 8 80 6 90 6
94 11.08 d continuation general data wima dc-link mkp c 400 vdc 600 vdc 850 vdc capacitance w x l w x l w x l 30 m f 60 x 49 40 ? 70 x 49 50 ? 60 x 49 70 x 49 90 x 97 60 ? 60 x 49 80 x 49 90 x 97 70 ? 60 x 49 80 x 49 90 x 97 80 ? 60 x 49 90 x 49 90 x 97 90 ? 70 x 49 90 x 49 90 x 97 100 m f 70 x 49 90 x 58 90 x 97 110 ? 70 x 49 90 x 58 90 x 97 120 ? 70 x 49 90 x 58 130 ? 80 x 49 140 ? 80 x 49 150 ? 80 x 49 160 ? 80 x 49 170 ? 90 x 49 180 ? 90 x 49 190 ? 90 x 49 200 m f 90 x 49 200 ? 90 x 58 220 ? 90 x 58 230 ? 90 x 58 240 ? 90 x 58 250 ? 90 x 58 dims. in mm. rights reserved to amend design data without prior notification . w l l1 m 60 49 55 m6 70 49 55 m6 80 49 55 m8 90 49 55 m8 90 58 64 m8 90 97 103 m8 l 0.2 m 20 w -2.5 -5.0 l 1 0.5


▲Up To Search▲   

 
Price & Availability of DC-LINKMKPC12020400VDC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X